PART |
Description |
Maker |
LM317LBZG NCV317LBZG LM317LZG LM317LZREG LM317LZRM |
100 mA Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 100 mA, Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 100 mA Adjustable Output, Positive Voltage Regulator
|
ON Semiconductor
|
LM2931-D |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
|
ON Semiconductor
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
LM337D2T LM337BT LM337_D LM337 LM337BD2T ON0312 LM |
AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Unlighted, SPDT, Momentary Action, Snap in panel mount From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR Three-Terminal Adjustable Output Negative Voltage Regulator
|
ONSEMI[ON Semiconductor] http://
|
7075315 7073630 7073756 7073598 7070469 7070470 70 |
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits Microprocessor and Nonvolatile Memory Supervisory Circuits Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies SCHRAUBE NYLON6.6 SCHLITZ M2X10 Inhalt pro Packung: 100 Stk. µP Power Supply Monitor with Reset 2 or 3 Cell, Step-Up/Down, Two-Way Pager System IC Triple-Output Power Supply Controller for Notebook Computers Dual-Output Power Supply Controller for Notebook Computers SCHRAUBE NYLON6.6 SENK M2X10 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6 SENK M3X16 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6 SENK M4X20 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6 SENK M5X12 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6 SENK M6X16 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6 SENK M6X40 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6 SCHLITZ M6X25 Inhalt pro Packung: 100 Stk. SCREW M3.5X16 C/S Inhalt pro Packung: 100 Stk. SCREW M2.5X20 CH/HD Inhalt pro Packung: 100 Stk. SCREW M10X20 NYLN Inhalt pro Packung: 50 Stk. SCREW M12X70 NYLN Inhalt pro Packung: 50 Stk. SCREW M2.5X25 C/S Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON SECHSKANT M8X40 Inhalt pro Packung: 50 Stk. SCREW M2.5X12 CH/HD Inhalt pro Packung: 100 Stk. SCREW M10X50 NYLN Inhalt pro Packung: 50 Stk. SCHRAUBE NYLON SECHSKANT M8X20 Inhalt pro Packung: 50 Stk. Microprocessor Supervisory Circuit SCHRAUBE NYLON6.6施利M6X12 Inhalt亲Packung00沙头角 SCHRAUBE NYLON6.6 SCHLITZ M4X10 Inhalt pro Packung: 100 Stk. SCHRAUBE NYLON6.6施利茨M4X10 Inhalt亲Packung00沙头角
|
TE Connectivity, Ltd.
|
LP295006 MSP430X21X1 NCV2574 NCV2951 LP2950ACZ-3.0 |
100 mA, Low Power Low Dropout Voltage Regulator MIXED SIGNAL MICROCONTROLLER 0.5 A, Adjustable Output Voltage, Step?Down Switching Regulator
|
Unisonic Technologies TI ONSEMI[ON Semiconductor]
|
ICM7373Q ICM7353 ICM7353Q ICM7353QG ICM7333 ICM733 |
Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
|
IC MICROSYSTEMS
|
MAX779L MAX779LCPA MAX779LCSA MAX779LEPA MAX779LES |
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters Low-Voltage Input / 3V/3.3V/5V/ Adjustable Output / Step-Up DC-DC Converters Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDIP8 Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, UUC15 Low-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
SPX1587 SPX1587AR SPX1587AR-1.5 SPX1587AR-2.5 SPX1 |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(3A,低压差稳压器(可调和固定输快速响) ER 22 24 D/C PLAS 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
SIPEX[Sipex Corporation]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
6736 L5994A |
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER From old datasheet system
|
ST Microelectronics STMicroelectronics
|